Part Number Hot Search : 
A108S C3645 CM1154 DLZ15B C1H10 3EZ120 LT1057AC 2SC1913A
Product Description
Full Text Search
 

To Download BAT54SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54W, BAT54AW, BAT54CW, BAT54SW
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE 30 Volts FEATURES
* Low turn-on voltage * Fast switching * PN Junction Guard Ring for Transient and ESD Protection.
CURRENT
0.2 Ampers
PACKAGE
SOT-323
MECHANICAL DATA
Case: SOT-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram Marking: L4, L42, L43, L44
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter Peak Repetitive Reverse Voltage Maximum Average Forward Current at Ta=25OC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Thermal Resistance, Junction to Ambient Air Operating Junction Temperature Range Storage Temperature Range Symbol BAT54W 30 0.2 0.6 BAT54AW 30 0.2 0.6 BAT54CW 30 0.2 0.6 BAT54SW 30 0.2 0.6 Units V A A V mA
O
VRRM IO IFSM VF IR RJA TJ TSTG
0.32 @ IF=0.001A 1.0 @ IF=0.1A 0.002 @VR=25V
635 -55 TO +125 -55 TO +125
C/W
O
C C
O
SINGLE
COMMON ANODE
COMMON CATHODE
SERIES
BAT54W
BAT54AW
BAT54CW
BAT54SW
Part Number: BAT54W, BAT54AW, BAT54CW, BAT54SW
PAGE 1
RATING and CHARACTERISTIC CURVES
10,000
INSTANTANEOUS FORWARD CURRENT AMPERS
REVERSE CURRENT, mAmps
0.1 TJ=100 C
O
TJ=100 C
O
1,000
0. 1
TJ=25 C
O
TJ=75 C
O
100
0.0 1
0
5
10
15
20
25
0.1
0.2
0.3
0.4
0.5
REVERSE VOLTAGE, Volts
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TYPICAL REVERSE CURRENT
TYPICAL FORWARD VOLTAGE
10
PF
800 700 600 500 400 300
REVERSE CURRENT, mAmps
1
TJ=25 C
O
0.1
0.01 200 100 10 15 20 25 5 30 0 35 0 5 10 15 20 25
0.001
REVERSE VOLTAGE, Volts
CAPACITANCE, 10-2
REVERSE VOLTAGE, Volts
TYPICAL REVERSE CURRENT
TYPICAL JUNCTION CAPACITANCE
AVERAGE FORWARD CURRENT, AMPS
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 20 30 40 50 60 70 80 90 100 110 120 130
AMBIENT LEAD TEMPERATURE, C
O
CURRENT DERATING
Part Number: BAT54W, BAT54AW, BAT54CW, BAT54SW
PAGE 2
OUTLINE DRAWING
SOT-323
.010(.25) MIN.
.087(2.20) .070(1.80)
.054(1.35) .045(1.15)
.006(.15) .056(1.40) .047(1.20)
.004(.10) MAX.
.002(.05)
.016(.40) .078(.20)
(c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. PanJit Internatioal Inc. TEL:886-7-6213121 Fax:886-7-6213129 Internet: http://www.panjit.com.tw email: sales@panjit.com.tw
Part Number: BAT54W, BAT54AW, BAT54CW, BAT54SW
.044(1.10) .035(.90)
.087(2.20) .078(2.00)
PAGE 3


▲Up To Search▲   

 
Price & Availability of BAT54SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X